Part Number Hot Search : 
C011302S LTC38 UGZ6GF CXP50712 E000855 MAU201 E3055T 1N3043
Product Description
Full Text Search
 

To Download ISL24021IRT065Z-T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fn6637 rev 1.00 page 1 of 13 october 18, 2011 fn6637 rev 1.00 october 18, 2011 isl24021 1a rail-to-rail input-ou tput operational amplifier datasheet the isl24021 is a high output current, high voltage, rail-to-rail voltage feedback amplifier. the isl24021 is capable of 1a peak output short circuit current. the amplifier exhibits beyond the rail input capability, rail-to-ra il output capability and is unity gain stable. the operating supply voltage range is from 4.5v to 19v maximum and the isl24021 can be configured for single or dual supply operation. the isl24021 has the ability to quickly source and sink large peak currents up to 1a and to drive large continuous currents of 300ma. the isl24021 features fast slewing and settling times. also, the device provides common mode input capability beyond the supply rails, and rail-to-rail output capability. this enables the amplifier to offer maximum dynamic range at any supply voltage. these features make th e isl24021 an ideal solution as a v com driver in tft-lcd panel app lications. other applications may include battery power and port able devices, and especially where low power consumption is important. the isl24021 is available in a 8 ld 3mmx3mm tdfn package featuring a standard operational amplifier pinout with a lead pitch of 0.65mm. the device ut ilizes a thermally enhanced package and has a built-in thermal protection circuit. it is specified for operation over an ambient temperature range of -40c to +85c. pin configuration features ? 1a output short circuit current ? 4.5v to 19v maximum supply voltage range ? 2.0ma supply current ? 18v/s slew rate ? 25mhz -3db bandwidth ? 300ma continuous output current ? unity-gain stable ? beyond the rails input capability ? rail-to-rail output swing ? built-in thermal protection ? -40c to +85c ambient temperature range ? pb-free (rohs compliant) applications ?tft-lcd panels ?v com driver ? video processing ? audio processing ? active filters ?test equipment ? battery-powered applications ? portable equipment isl24021 (8 ld tdfn) top view 2 3 4 1 7 6 5 8 nc inn inp vss nc vdd out nc thermal pad thermal pad is electrically isolated, or connected to vss ordering information part number (notes 1, 2, 3) lead pitch (mm) part marking package tape & reel (pb-free) pkg. dwg. # isl24021irt065z-t7a 0.65 p021 8 ld tdfn l8.3x3k ISL24021IRT065Z-T13 0.65 p021 8 ld tdfn l8.3x3k notes: 1. please refer to tb347 for details on reel specifications. 2. these intersil pb-free plastic packaged products employ special pb- free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is rohs compliant and compatible with both snpb and pb-free soldering operations). intersil pb -free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb- free requirements of ipc/jedec j std-020. 3. for moisture sensitivity level (msl), please see device information page for isl24021 . for more information on msl please see techbrief tb363 .
isl24021 fn6637 rev 1.00 page 2 of 13 october 18, 2011 absolute maximum ratings (t a = +25c) thermal information supply voltage range (v dd -v ss ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19.8v input voltage range (inn, inp). . . . . . . . . . . . . . . . . v ss - 0.5v, v dd + 0.5v input differential voltage (inp - inn) . . . . . . . . . .(v dd + 0.5v) - (v ss - 0.5v) esd rating human body model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7500v charged device model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500v thermal resistance (typical) ? ja (c/w) ? jc (c/w) 8 ld tdfn package (notes 4, 5). . . . . . . . . 50 17 maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150c storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65c to +150c ambient operating temperature . . . . . . . . . . . . . . . . . . . . . -40c to +85c power dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see figure 28 pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/ pbfree/pb-freereflow.asp caution: do not operate at or near the maximum ratings listed for extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. notes: 4. ? ja is measured with the component mounted on a high effective thermal conductivity test board in free air. see tech brief tb379 for details. 5. for ? jc , the "case temp" location is the center of the ceramic on the package underside. electrical specifications v dd = 5v, v ss = -5v, r l = 1k ? to 0v, t a = +25c, unless otherwise specified. parameter description conditions min (note 6) typ max (note 6) unit power supply performance v dd - v ss supply voltage range 4.5 19 v i s supply current no load 2.1 2.8 ma psrr power supply rejection ratio v s is moved from 2.25v to 9.5v 60 80 db input characteristics v os input offset voltage v cm = 0v 1.4 15 mv tcv os average offset voltage drift (note 7) 1 v/c i leak input leakage current v cm = 0v 2 10 na r in input resistance 1g ? c in input capacitance 2pf cmir common-mode input range v ss - 0.5 v dd + 0.5 v cmrr common-mode rejection ratio for v in from -5.5v to 5.5v 50 70 db a vol open-loop gain -4.5v ?? v out ?? 4.5v 75 100 db output characteristics v oh output swing high i l = 5ma, v in = v dd v dd - 0.15 v dd - 0.025 v v ol output swing low i l = -5ma,v in = v ss v ss + 0.025 v ss + 0.15 v i sc short-circuit current 1.0 a i out continuous output current (note 10) 300 ma dynamic performance sr slew rate (note 8) -4.0v ?? v out ?? 4.0v 18 v/s t s settling to 0.1% (note 9) a v = +1, v o = 2v step 80 ns bw -3db bandwidth a v = +1, r l = 1k ??? c l = 8pf 25 mhz pm phase margin r l = 1k ??? c l = 8pf 44 thermal performance t ts thermal shutdown temperature die te mperature at which the device will shutdown until it cools by t tsh c +165 c t tsh thermal shutdown hysteresis die temperature below t ts c when the device will become operational after shutdown 15 c
isl24021 fn6637 rev 1.00 page 3 of 13 october 18, 2011 . electrical specifications v dd = 5v, v ss = gnd = 0v, r l = 1k ?? to 2.5v, t a = +25c, unless otherwise specified. parameter description condition min (note 6) typ max (note 6) unit power supply performance v dd - v ss supply voltage range 4.5 19 v i s supply current no load 2.0 2.8 ma psrr power supply rejection ratio v s is moved from +4.5v to +19v 60 80 db input characteristics v os input offset voltage v cm = 2.5v 1.4 15 mv tcv os average offset voltage drift (note 7) 1 v/c i leak input leakage current v cm = 2.5v 2 10 na r in input resistance 1g ? c in input capacitance 2pf cmir common-mode input range v ss - 0.5 v dd + 0.5 v cmrr common-mode rejection ratio for v in from -0.5v to 5.5v 45 70 db a vol open-loop gain 0.5v ?? v out ?? 4.5v 70 100 db output characteristics v oh output swing high i l = 5ma, v in = v dd v dd - 0.15 v dd - 0.025 v v ol output swing low i l = -5ma,v in = v ss v ss + 0.025 v ss + 0.15 v i sc short-circuit current 0.5 a i out continuous output current (note 10) 300 ma dynamic performance sr slew rate (note 8) 1v ?? v out ?? 4v 15 v/s t s settling to 0.1% (note 9) a v = +1, v o = 2v step 80 ns bw -3db bandwidth a v = +1, r l = 1k ??? c l = 8pf 22 mhz pm phase margin r l = 1k ??? c l = 8pf 46 thermal performance t ts thermal shutdown temperature die temperature at which the device will shutdown until it cools by t tsh c +165 c t tsh thermal shutdown hysteres is die temperature below t ts c when the device will become operational after shutdown 15 c electrical specifications v dd = 15v, v ss = gnd = 0v, r l = 1k ? to 7.5v, t a = +25c, unless otherwise specified. parameter description condition min (note 6) typ max (note 6) unit power supply performance v dd - v ss supply voltage range 4.5 19 v i s supply current no load 2.2 2.8 ma psrr power supply rejection ratio v s is moved from +4.5v to +19v 60 80 db input characteristics v os input offset voltage v cm = 7.5v 1.4 15 mv tcv os average offset voltage drift (note 7) 1 v/c
isl24021 fn6637 rev 1.00 page 4 of 13 october 18, 2011 i leak input leakage current v cm = 7.5v 2 10 na r in input resistance 1g ? c in input capacitance 2pf cmir common-mode input range v ss - 0.5 v dd + 0.5 v cmrr common-mode rejection ratio for v in from -0.5v to 15.5v 50 70 db a vol open-loop gain 0.5v ?? v out ?? 14.5v 75 95 db output characteristics v oh output swing high i l = 100ma, v in = v dd v dd - 0.4 v i l = 7.5ma, v in = v dd v dd - 0.15 v dd - 0.025 v v ol output swing low i l = -100ma,v in = v ss v ss + 0.4 v i l = -7.5ma,v in = v ss v ss + 0.025 v ss + 0.15 v i sc short-circuit current 1.0 a i out continuous output current (note 10) 300 ma dynamic performance sr slew rate (note 8) 1v ?? v out ?? 14v 19 v/s t s settling to 0.1% (note 9) a v = +1, v o = 2v step 80 ns bw -3db bandwidth a v = +1, r l = 1k ??? c l = 8pf 27 mhz pm phase margin r l = 1k ??? c l = 8pf 42 thermal performance t ts thermal shutdown temperature die temp erature at which the device will shutdown until it cools by t tsh c +165 c t tsh thermal shutdown hysteresis die temperature below t ts c when the device will become operational after shutdown 15 c notes: 6. compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design. 7. measured over the -40c to +85c ambient operating temperature range. 8. typical slew rate is an average of the slew rates measured on the rising (20% to 80%) and the falling (80% to 20%) edges of t he output signal. 9. settling time measured from [full scale - (0.1%*stepsize)] on the rising edge to when the output is bounded within 0.1% of f ull scale. 10. continuous output current with a typical of 300ma. care should be taken to ensure the maximum package power dissipation is not exceeded, refer to ?power dissipation? on page 10. electrical specifications v dd = 15v, v ss = gnd = 0v, r l = 1k ? to 7.5v, t a = +25c, unless otherwise specified. (continued) parameter description condition min (note 6) typ max (note 6) unit pin descriptions pin number pin name pin type pin function 1, 5, 8 nc no connection 2 inn analog input amplifier negative input 3 inp analog input amplifier positive input 4 vss analog power negative power supply (con nect to gnd for single supply operation) 6 out analog output amplifier output 7 vdd analog power positive power supply
isl24021 fn6637 rev 1.00 page 5 of 13 october 18, 2011 typical performance curves figure 1. input offset voltage distribution fi gure 2. input offset voltage vs temperature figure 3. input leakage current vs temperature f igure 4. output high voltage vs temperature figure 5. output low voltage vs temperature figure 6. open-loop gain vs temperature 0 50 100 150 200 250 300 350 400 450 500 -6 -4 -2 0 input offset voltage (mv) number of devices 246 typical production distribution v s = 5v t a = +25c -1.0 -0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0 -50 0 50 100 150 temperature (c) input offset voltage (mv) v s = 5v -2.0 -1.5 -1.0 -0.5 0.5 1.0 1.5 2.0 -50 0 50 100 150 temperature (c) input leakage current (na) 0.0 v s = 5v 4.960 4.962 4.964 4.966 4.968 4.970 4.972 -50 0 50 100 150 output high voltage (v) temperature (c) v s = 5v a v = 1 r l = 1k ? -4.992 -4.990 -4.988 -4.986 -4.984 -4.982 -4.980 -50 0 50 100 150 temperature (c) output low voltage (v) v s = 5v a v = 1 r l = 1k ? 70 80 90 100 110 120 -50 0 50 100 150 temperature (c) open loop gain (db) v s = 5v
isl24021 fn6637 rev 1.00 page 6 of 13 october 18, 2011 figure 7. psrr vs temperature figure 8. cmrr vs temperature figure 9. slew rate vs temperature figure 10. supply current vs temperature figure 11. open-loop gain vs supply voltage figure 12. supply current vs supply voltage typical performance curves (continued) 70 75 80 85 90 95 100 -50 0 50 100 150 temperature (c) psrr (db) v s = 5v 50 60 70 80 90 100 -50 0 50 100 150 temperature (c) cmrr (db) v s = 5v 14 16 18 20 22 -50 0 50 100 150 temperature (c) slew rate (v/s) v s = 5v a v = 2 1.6 1.8 2.0 2.2 2.4 2.6 -50 0 50 100 150 temperature (c) supply current (ma) v s = 5v 40 60 80 100 120 140 4 8 12 16 20 supply voltage (v) gain (db) t a = +25c 1.0 3.0 supply current (ma) supply voltage (v) 0.5 4.0 2.0 2.5 3.5 1.5 t a = +25c r l = open 8 4121620
isl24021 fn6637 rev 1.00 page 7 of 13 october 18, 2011 figure 13. frequency response for various r l figure 14. frequency response for various c l figure 15. step size vs settling time figure 16. open loop gain and phase figure 17. cmrr vs frequency figure 18. psrr vs frequency typical performance curves (continued) v s = 5v a v = 1 560 ? 1k ? 100k 1m 10m 100m 5 4 3 2 1 0 -1 -2 -3 -4 -5 frequency (hz) gain (db) 150 ? 10 8 6 4 2 0 -2 -4 -6 -8 -10 100k 1m 10m 100m frequency (hz) gain (db) v s = 5v a v = 1 47pf 10pf 100pf 0.1% v s = 5v a v = 1 50 60 70 80 90 100 110 5 4 3 2 1 0 -1 -2 -3 -4 -5 step size (v) settling time (ns) -80 -60 -40 -20 0 20 40 60 80 100 120 10 100 1k 10k 100k 1m 10m 100m frequency (hz) gain (db) -20 0 20 40 60 80 100 120 140 160 180 phase() gain (db) phase () v s = 5v t a = +25c 100 1k 10k 100k 1m 10m 100m -10 -20 -30 -40 -50 -60 -70 -80 -90 cmrr (db) frequency (hz) v s = 5v r l = 1k ? -10 -20 -30 -40 -50 -60 -70 -80 -90 0 10 100 1k 10k 100k 1m 10m 100m psrr (db) frequency (hz) psrr+ psrr- v s = 5v r l = 1k ?
isl24021 fn6637 rev 1.00 page 8 of 13 october 18, 2011 figure 19. input voltage noise spectral density figure 20. large signal transient response figure 21. small signal transient response figure 22. test circuit typical performance curves (continued) 1 10 100 1000 10 100 1k 10k 100k 1m 10m 100m frequency (hz) voltage noise (nv/ ? hz) v s = 5v a v = 1 6v step 200ns/div v s = 5v a v = 1 200mv step 200ns/div isl24021 inp out c l r l v dd 4.7f 0.1f 0.1f 4.7f v ss thermal pad connected to v ss inn
isl24021 fn6637 rev 1.00 page 9 of 13 october 18, 2011 applications information product description the isl24021 is a high output current, high voltage, rail-to-rail voltage feedback amplifier. the isl24021 is capable of 1a peak output short circuit current. the amplifier exhibits beyond the rail input capability, rail-to-ra il output capability and is unity gain stable. other features includ e fast slew rate and settling time which is important in many applications, such as tft-lcd panels. the isl24021 is available in a 8 ld 3mmx3mm tdfn package featuring a standard operational am plifier pinout and a lead pitch of 0.65mm. the device utilizes a thermally enhanced package and has a built-in thermal protection circ uit. it is specified for operation over an ambient temperature range of -40c to +85c. operating voltage, input and output capability the isl24021 can operate on a single supply or dual supply configuration. the isl24021 op erating voltage ranges from a minimum of 4.5v to a maximum of 19v. this range allows for a standard 5v (or 2.5v) supply voltage to dip to -10%, or a standard 18v (or 9v) to rise by +5.5% without affecting performance or reliability. the input common mode voltage range extends 0.5v beyond the supply rails. for this range, the isl24021 amplifier is immune to phase reversal. if the common mode input voltage exceeds the supply voltage by more than 0.5v , electrostatic protection diodes in the input stage of the device begin to conduct. it is suggested to not overdrive the inputs. figure 23 shows the input voltage driven beyond the supply rails and the device output swinging between the supply rails. the output swings of the isl240 21 typically extend to within 25mv of positive and negative supply rails with load currents of 5ma. decreasing load currents will extend the output voltage range even closer to the supply ra ils. figure 24 shows the input and output waveforms for the device in a unity-gain configuration. operation is from 5v supply with a 1k ? load connected to gnd. the input is a 10v p-p sinusoid and the output voltage is approximately 9.95v p-p . refer to the ?electrical specifications? tables beginning on page 2 for specific device parameters. parameter variations with operating voltage, loading and/or temperature are shown in the ?typical performance curves? on page 5. . output current limit the isl24021 is capable of 1a peak output short circuit current. the device will limit the current to 1a. maximum reliability is maintained if the output continuous current never exceeds 300ma. this limit is set by the characteristics of the internal metal interconnects. see ?power dissipation? on page 10 for detailed information about ensuring device operation with temperature and load conditions. driving capacitive loads as load capacitance increases, the -3db bandwidth will decrease and peaking can occur. depending on the application, it may be necessary to reduce peaking and to improve device stability. to improve device stability a snubber circuit or a series resistor may be added to the output of the isl24021. a snubber is a shunt load consisting of a resistor in series with a capacitor, see figure 25. an optimized snubber can improve the phase margin and the stability of the isl24021. the advantage of a snubber circuit is that it does not draw any dc load current or reduce the gain. another method to reduce peakin g is to add a series output resistor (typically between 1 ? to 10 ? ; see figure 26). depending on the capacitive loading, a smal l value resistor may be the most appropriate choice to minimi ze any reduction in gain. 1v 1v 10s v s = 2.5v, t a = +25c, a v = 1, v in = 6v p-p figure 23. operation with beyond-the-rails input output input 5v 5v 10s v s = 5v, t a = +25c, a v = 1, v in = 10v p-p figure 24. operation with rail-to-rail input and output
isl24021 fn6637 rev 1.00 page 10 of 13 october 18, 2011 . . typical application circuit a typical application of the isl24021 is as a tft-lcd v com driver (see figure 27). a v com driver maintains the backplane common voltage of a tft-lcd panel. maintaining the v com voltage at a steady level is critical to panel performance. the ability of the isl24021 to source/sink large peak short circuit currents make it ideal as a v com driver. the 1a short circuit current capability combined with a large bandwidth and fast settling time give the isl24021 ideal v com driver characteristics, and make it a great choice for tft-lcd applications. power dissipation with a 300ma maximum continuous output drive capability, it is possible to exceed the rated +150c maximum junction temperature. it is important to calculate the maximum power dissipation of the isl24021 for the application. proper load conditions will ensure that the isl24021 junction temperature stays within a safe operating region. the isl24021 has a built-in thermal protection, which automatically shuts the output off (high impedance) when the die temperature reaches +165c. this ensures safe operation and prevents internal damage to the device. when the die cools by +15c the output will automatically turn on. the maximum power dissipation allowed in a package is determined according to equation 1: where: ?t jmax = maximum junction temperature ?t amax = maximum ambient temperature ? ? ja = thermal resistance of the package ?p dmax = maximum power dissipation in the package the actual maximum power dissipation of the ic is the total quiescent supply current, times th e total power supply voltage, plus the power dissipation in the ic caused by the loading condition. sourcing: sinking: ?v s = total supply voltage range (v dd - v ss ) ?i s = device supply current ?v dd = positive supply voltage ?v ss = negative supply voltage ?v out = output voltage ?i load = load current device overheating can be avoided by calculating the minimum resistive load condition, r load , resulting in the highest power dissipation. to find r load , set the two p dmax equations equal to each other and solve for v out /i load . reference the package power dissipation curve, figure 28, for further information. isl24021 inp out c snubber r snubber v dd 4.7f 0.1f 0.1f 4.7f v ss thermal pad connected to v ss inn z l figure 25. output snubber circuit isl24021 inp out r series v dd 4.7f 0.1f 0.1f 4.7f v ss thermal pad connected to v ss inn z l figure 26. output series resistor circuit inp out v dd = 15v 4.7f 0.1f v ss note: c storage will vary depending on the application inn panel isl24021 tft-lcd capacitance vcom calibrator/ resistor ladder thermal pad connected to v ss - + c storage + 0.1f figure 27. typical application circuit: tft-lcd v com p dmax t jmax t amax C ? ja --------------------------------------- - = (eq. 1) p dmax v s i s v dd v out ? i load ? C ?? + ? = (eq. 2) p dmax v s i s v out v ss ? i load ? C ?? + ? = (eq. 3)
isl24021 fn6637 rev 1.00 page 11 of 13 october 18, 2011 printed circuit board layout as with any high-frequency devi ce, good printed circuit board layout is necessary for optimum performance. for the isl24021 low impedance analog powe r and ground planes are recommended, and trace lengths sh ould be as short as possible. the power supply pins must be well bypassed to reduce the risk of oscillation. for optimal thermal and operating performance the isl24021 thermal pad should always be connected to the lowest potential, v ss . for normal single supply operation (the v ss pin is connected to gnd) a 4.7f capacitor sh ould be placed from v dd to gnd, then a parallel 0.1f capacitor should be connected as close to the amplifier as possible. for dual supply operation the same bypassing techniques should be utilized by connecting capacitors from each supply to gnd. figure 28. package power dissipation vs ambient temperature jedec jesd51-7 high effective thermal conductivity (4-layer ) test board - tdfn exposed diepad soldered to pcb per jesd51-5 0 0.5 1.0 1.5 2.0 2.5 3.0 0 25 50 75 100 125 150 ambient temp (c) power dissipation (w) ? ja = +50 (c/w) 2.5w tdfn8
fn6637 rev 1.00 page 12 of 13 october 18, 2011 isl24021 intersil products are manufactured, assembled and tested utilizing iso9001 quality systems as noted in the quality certifications found at www.intersil.com/en/suppor t/qualandreliability.html intersil products are sold by description on ly. intersil may modify the circuit design an d/or specifications of products at any time without notice, provided that such modification does not, in intersil's sole judgment, affect the form, fit or function of the product. accordingly, the reader is cautioned to verify that datasheets are current before placing orders. information fu rnished by intersil is believed to be accu rate and reliable. however, no responsib ility is assumed by intersil or its subsidiaries for its use; nor for any infrin gements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com for additional products, see www.intersil.com/en/products.html ? copyright intersil americas llc 2009-2011. all rights reserved. all trademarks and registered trademarks are the property of their respective owners. products intersil corporation is a leader in the design and manufacture of high-performance analog semico nductors. the company's product s address some of the industry's fastest growing markets, such as , flat panel displays, cell phones, handheld products, and noteb ooks. intersil's product families address power management and analog sign al processing functions. go to www.intersil.com/products for a complete list of intersil product families. for a complete listing of applications, rela ted documentation and related parts, please see the respective device information p age on intersil.com: isl24021 to report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff fits are available from our website at: http://rel.intersil.co m/reports/search.php revision history the revision history provided is for inform ational purposes only and is believed to be accurate, but not warranted. please go t o web to make sure you have the latest revision. date revision change 9/14/2011 fn6637.1 updated ordering information by removing bulk part isl24021irt065z, added t7a part, pkg dwg# changed from l8.3x3a to l8.3x3k, added msl note changed human body model from "3000v" to "7500v" added to abs max rating - charged device model updated tja note to non direct attached at high thermal conductivity added to thermal information tjc "17" and respective note. electrical spec table - updated note from: parameters with min and/or max limits are 100% tested at +25c, unless otherwise specified. temperature limits establis hed by characterization and are not production tested. to: compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design. changed pod l8.3x3a to l8.3x3k. 06/03/2009 fn6637.0 initial release
isl24021 fn6637 rev 1.00 page 13 of 13 october 18, 2011 package outline drawing l8.3x3k 8 lead dual flat no-lead plastic package rev 0, 7/11 bottom view detail "x" side view typical recommended land pattern top view c 0 . 203 ref 0 . 05 max. 0 . 02 nom. 5 3.00 a b 3.00 (4x) 0.15 6 pin 1 index area pin #1 6x 0.65 1.50 0.10 8 1 0.40 0.05 6 0.75 0.05 see detail "x" 0.08 0.10 c c c ( 2.90 ) (1.50) ( 8 x 0.25) ( 8x 0.50) ( 1.95) 2.30 0.10 0.10 8x 0.25 0.05 a mc b 4 2x 1.95 (6x 0.65) index area pin 1 located within the zone indicated. the pin #1 identifier may be unless otherwise specified, tolerance : decimal 0.05 tiebar shown (if present) is a non-functional feature. the configuration of the pin #1 identifier is optional, but mus t be between 0.15mm and 0.20mm from the terminal tip. dimension applies to the metallized terminal and is measured dimensions in ( ) for reference only. dimensioning and tolerancing conform to amse y14.5m-1994. 6. either a mold or mark feature. 3. 5. 4. 2. dimensions are in millimeters. 1. notes: compliant to jedec mo-229 weec-2 except for the foot length. 7. ( 2.30)


▲Up To Search▲   

 
Price & Availability of ISL24021IRT065Z-T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X